전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2AFECHC 데이터시트(PDF) 213 Page - Renesas Technology Corp

부품명 R7KA8M2AFECHC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECHC 데이터시트(HTML) 213 Page - Renesas Technology Corp

Back Button R7KA8M2AFECHC Datasheet HTML 209Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 210Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 211Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 212Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 213Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 214Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 215Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 216Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 295 page
background image
2.3.19
ESWM Timing
Table 2.79
ESWM timing (RMII)
Conditions:
1. Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register for the following pins: ETn_MDC, ETn_MDIO.
2. The drive capacity selection and voltage range for pins other than ETn_MDC, ETn_MDIO.
● RMII use: High drive select, VCC = 2.7 to 3.6
Parameter
Symbol
VCC
Min
Max
Unit
Test
conditions
ESWM (RMII)
RMIIn_REF50CK cycle time
Tck
2.70V or
above
20
—
ns
Figure 2.112
RMIIn_REF50CK frequency, typical 50 MHz
—
—
50 + 100
ppm
MHz
RMIIn_REF50CK duty
—
35
65
%
RMIIn_REF50CK rise/fall time
Tckr/ckf
0.5
3.5
ns
RMIIn_xxxx*1 output delay
Tco
2.5
12
ns
RMIIn_xxxx*2 setup time
Tsu
3
—
ns
RMIIn_xxxx*2 hold time
Thd
1
—
ns
RMIIn_xxxx*1 *2 rise/fall time
Tr/Tf
0.5
4
ns
Note 1. RMIIn_TX_EN, RMIIn_TXD1, RMIIn_TXD0.
Note 2. RMIIn_CRS_DV, RMIIn_RXD1, RMIIn_RXD0, RMIIn_RX_ER.
Change in
signal level
Signal
Thd
Tsu
Tco
Tf
Tr
Tckr
Tckf
Tck
Signal
90%
50%
10%
70%
50%
RMIIn_REF50CK
RMII_xxxx*1
30%
Change
in signal
level
Change
in signal
level
Note 1. RMIIn_TX_EN, RMIIn_TXD1, RMIIn_TXD0, RMIIn_CRS_DV, RMIIn_RXD1, RMIIn_RXD0, RMIIn_RX_ER
Figure 2.112
RMIIn_REF50CK and RMII signal timing
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 213 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com