전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2AFECHC 데이터시트(PDF) 218 Page - Renesas Technology Corp

부품명 R7KA8M2AFECHC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECHC 데이터시트(HTML) 218 Page - Renesas Technology Corp

Back Button R7KA8M2AFECHC Datasheet HTML 214Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 215Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 216Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 217Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 218Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 219Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 220Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 221Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 295 page
background image
RGMII Driver
33 ohms
Input Measurement
point
5pF
Transmission Line
1.00ns delay
50 ohms ±15%
Figure 2.119
RGMII output timing measurement conditions
Table 2.83
ESWM timing (ETn_MDIO, ETn_MDC)
Conditions:
1. Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
VCC
Min
Max
Unit
Test
conditions
ESWM
(ETn_MDIO,
ETn_MDC)
ETHn_MDC output cycle
tMDC
2.70 V or
above
80
—
ns
Figure 2.120
2.30 V or
above
160
—
ns
ETHn_MDIO setup time
(relative to ETHn_MDC↑)
tSMDIO
2.70 V or
above
20
—
ns
2.30 V or
above
40
—
ns
ETHn_MDIO hold time
(relative to ETHn_MDC↑)
tHMDIO
2.70 V or
above
0
—
ns
2.30 V or
above
0
—
ns
ETHn_MDIO output delay
time (relative to
ETHn_MDC↑)
tDMDIO
2.70 V or
above
0
20
ns
2.30 V or
above
0
40
ns
tHMDIO
tSMDIO
tDMDIO
tDMDIO
tMDC
ETHn_MDIO
(output)
ETHn_MDC
(output)
ETHn_MDIO
(input)
(n = 0, 1)
Figure 2.120
ETn_MDIO, ETn_MDC timing
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 218 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com