전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2AFECHC 데이터시트(PDF) 224 Page - Renesas Technology Corp

부품명 R7KA8M2AFECHC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECHC 데이터시트(HTML) 224 Page - Renesas Technology Corp

Back Button R7KA8M2AFECHC Datasheet HTML 220Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 221Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 222Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 223Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 224Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 225Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 226Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 227Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 295 page
background image
Observation
point
50 pF
50 pF
USB_DP
USB_DM
Figure 2.130
Test circuit in full-speed mode
Table 2.89
USB High Speed Characteristics (USB_DP and USB_DM Pin Characteristics)
Conditions: USBHS_RREF = 2.2 kΩ ± 1%, USBMCLK = 12/20/24/48 MHz
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input
characteristics
Squelch detect sensitivity
VHSSQ
100
—
150
mV
Figure 2.131
Disconnect detect sensitivity
VHSDSC
525
—
648
mV
Figure 2.132
Common mode voltage
VHSCM
-50
—
500
mV
—
Output
characteristics
Idle state
VHSOI
-10
—
10
mV
—
Output high level voltage
VHSOH
360
—
440
mV
—
Output low level voltage
VHSOL
-10
—
10
mV
—
Chirp J output voltage (difference)
VCHIRPJ
700
—
1100
mV
—
Chirp K output voltage (difference)
VCHIRPK
-900
—
-500
mV
—
AC
characteristics
Rise time
tHSR
500
—
—
ps
—
Fall time
tHSF
500
—
—
ps
Figure 2.133
Output resistance
ZHSDRV
40.5
—
49.5
Ω
—
USB_DP, USB_DM
VHSSQ
Figure 2.131
USB_DP and USB_DM squelch detect sensitivity (high-speed)
USB_DP, USB_DM
VHSDSC
Figure 2.132
USB_DP and USB_DM disconnect detect sensitivity (high-speed)
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 224 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com