전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2AFECHC 데이터시트(PDF) 265 Page - Renesas Technology Corp

부품명 R7KA8M2AFECHC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECHC 데이터시트(HTML) 265 Page - Renesas Technology Corp

Back Button R7KA8M2AFECHC Datasheet HTML 261Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 262Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 263Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 264Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 265Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 266Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 267Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 268Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 295 page
background image
Reset signal for the
backup domain
(Active Low)
VBATT_R
VPDR(BATR)
tp(PDRH)
tp(PDRH)
tp(PDRL)
Figure 2.148
Backup domain reset characteristics
2.14
ACMPHS Characteristics
Table 2.115
ACMPHS
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Reference voltage range
VREF
0
—
AVCC0
V
—
Input voltage range
ACMPHS0
, 1
IVCMP1 to
IVCMP3
VI
0
—
AVCC0
V
—
IVCMP0
0
—
AVCC0
VCC ≥ AVCC0
0
—
VCC
VCC < AVCC0
ACMPHS2, 3
0
—
AVCC0
—
Output delay*1
Td
—
50
100
ns
VI = VREF ± 100mV
Internal reference voltage
Vref
0.77
0.8
0.84
V
—
Note 1. This value is the internal propagation delay.
2.15
MRAM Characteristics
2.15.1
Code MRAM Characteristics
Table 2.116
Code MRAM Characteristics (1 of 2)
Parameter
MRICLK = 250
MHz
MRICLK = 200
MHz
MRICLK = 150
MHz
MRICLK = 133
MHz
Min
Typ
*4
Max Min
Typ
*4
Max Min
Typ
*4
Max Min
Typ
*4
Max
Programming
time of 32-
byte*7 *8
Normal
program
mode
(MRPSC.
MHSPEN
= 0)
tPM
C
—
6.7
*5 *6
83.3
*6
—
6.74
*5 *6
83.6
*6
—
6.92
*5 *6
85.6
*6
—
7.09
*5 *6
87.3
*6
µs
—
High
speed
program
mode
(MRPSC.
MHSPEN
= 1)
tPM
C
—
4.7
*5 *6
81.3
*6
—
4.74
*5 *6
81.6
*6
—
4.92
*5 *6
83.6
*6
—
5.09
*5 *6
85.3
*6
µs
—
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 265 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com