전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS3435CGLEFDDFR 데이터시트(PDF) 22 Page - Texas Instruments

부품명 TPS3435CGLEFDDFR
상세설명  TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3435CGLEFDDFR 데이터시트(HTML) 22 Page - Texas Instruments

Back Button TPS3435CGLEFDDFR Datasheet HTML 18Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 19Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 20Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 21Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 22Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 23Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 24Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 25Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
7.3.3 WDO Output
The TPS3435-Q1 device offers WDO output pin. WDO output is asserted when MR pin voltage is lower than 0.3
X VDD or watchdog timer error is detected.
The output is asserted for tWDO time when any relevant events described above are detected, except for MR
event. The time tWDO can be programmed by connecting a capacitor between CRST pin and GND or the
device asserts tWDO for fixed time duration as selected by orderable part number. Refer Section 4 section for all
available options.
Equation 2 describes the relationship between capacitor value and the time tWDO . Make sure the capacitance
meets the recommended operating range. Capacitance outside the recommended range can lead to incorrect
operation of the device.
t WDO (sec) = 4.95 x 106 x CCRST (F)
(2)
TPS3435-Q1 also offers a unique option of latched output. An orderable with latched output holds the output in
asserted state indefinitely until the device is power cycled or the error condition is addressed. If the output is
latched due to MR pin low voltage, the output latch is released when MR pin voltage rises above 0.7 x VDD level.
If the output is latched due to watchdog timer error, the output latch is be released when a WDI negative edge is
detected or the device is shutdown and powered up again. Figure 7-11 shows timing behavior of the device with
latched output configuration.
WDO
WDI
tt
WDt
tt
WDt
VDD
VDD
MIN
tt
SDt
t
WD
tt
SDt
V
POR
t
STRT
Figure 7-11. Output Latch Timing Behavior
TPS3435-Q1
SLVSGF0B – OCTOBER 2022 – REVISED MARCH 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS3435-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com