전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS3435CGLEFDDFR 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TPS3435CGLEFDDFR
상세설명  TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3435CGLEFDDFR 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPS3435CGLEFDDFR Datasheet HTML 6Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 7Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 8Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 9Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 10Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 11Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 12Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 13Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
6.6 Timing Requirements
At 1.04V ≤ VDD ≤ 6V, MR = Open, WDO pull-up resistor (Rpull-up) = 100kΩ to VDD, output RESET / WDO load (CLOAD) =
10pF and over operating free-air temperature range –40
℃ to 125℃, unless otherwise noted. VDD ramp rate ≤ 1V/µs. Typical
values are at TA = 25℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t MR_PW
MR pin pulse duration to assert output
100
ns
tP-WD
WDI pulse duration to start next frame (1)
500
ns
tHD-WDEN
WD–EN hold time to enable or disable WD
operation (1)
200
µs
tHD-SETx
SETx hold time to change WD timer setting
(1)
150
µs
tWD
Watchdog timeout period
Orderable Option TPS3435xxB
0.8
1
1.2
ms
Orderable Option TPS3435xxC
4
5
6
Orderable Option TPS3435xxD
9
10
11
Orderable Option TPS3435xxE
18
20
22
Orderable Option TPS3435xxF
45
50
55
Orderable Option TPS3435xxG
90
100
110
Orderable Option TPS3435xxH
180
200
220
Orderable Option TPS3435xxI
0.9
1
1.1
s
Orderable Option TPS3435xxJ
1.26
1.4
1.54
Orderable Option TPS3435xxK
1.44
1.6
1.76
Orderable Option TPS3435xxL
9
10
11
Orderable Option TPS3435xxM
45
50
55
Orderable Option TPS3435xxN
90
100
110
(1)
Not production tested
TPS3435-Q1
SLVSGF0B – OCTOBER 2022 – REVISED MARCH 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS3435-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com