전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS3435CGLEFDDFR 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TPS3435CGLEFDDFR
상세설명  TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3435CGLEFDDFR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TPS3435CGLEFDDFR Datasheet HTML 2Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 3Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 4Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 5Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 6Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 7Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 8Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 9Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Table 5-1. Pin Functions
PIN
NAME
PIN NUMBER
I/O
DESCRIPTION
PINOUT
A
PINOUT
B
PINOUT
C
CRST
3
3
—
I
Programmable WDO assert time pin. Connect a capacitor between this pin
and GND to program the WDO assert time period. See Section 7.3.3 for more
details.
CWD
2
2
—
I
Programmable watchdog timeout input. Watchdog timeout is set by connecting a
capacitor between this pin and ground. See Section 7.3.1.1 for more details.
GND
4
4
4
—
Ground pin
MR
1
—
2
I
Manual reset pin. A logic low on this pin asserts the WDO output. See Section
7.3.2 for more details.
WDO
7
7
7
O
Watchdog output. Connect WDO to VDD using pull up resistance when using
open drain output. WDO is asserted when a watchdog error occurs or MR pin is
driven LOW. See Section 7.3.3 for more details.
SET0
5
1
1
I
Logic input. SET0, SET1, and WD-EN pins select the watchdog timer scaling
and enable-disable the watchdog; see Section 7.3.1.4 for more details.
SET1
—
5
5
I
Logic input. SET0, SET1, and WD-EN pins select the watchdog timer scaling
and enable-disable the watchdog; see Section 7.3.1.4 for more details.
VDD
8
8
8
I
Supply voltage pin. For noisy systems, connecting a 0.1µF bypass capacitor is
recommended.
WD-EN
—
—
6
I
Logic input. Logic high input enables the watchdog monitoring feature. See
Section 7.3.1.2 for more details.
WDI
6
6
3
I
Watchdog input. A falling transition (edge) must occur at this pin before the
timeout expires in order for WDO to not assert. See Section 7.3.1 for more
details.
TPS3435-Q1
SLVSGF0B – OCTOBER 2022 – REVISED MARCH 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS3435-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com