전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NJW1201AFH2 데이터시트(PDF) 24 Page - Nisshinbo Micro Devices Inc.

부품명 NJW1201AFH2
상세설명  2ch Electronic Volume with Dynamic Bass Boost
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NISSHINBO [Nisshinbo Micro Devices Inc.]
홈페이지  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJW1201AFH2 데이터시트(HTML) 24 Page - Nisshinbo Micro Devices Inc.

Back Button NJW1201AFH2 Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 28Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
NJW1201A
– 24 –
APPLICATION NOTE
[4] Sound Mode
There are 3 sound modes in NJW120A.
1) ealaRebirth
:This is a sound effect, this is suitable for compressed Audio.
2) eala
:This is a comfortable surround that makes much of sound location.
3) ealaRebirth & eala :This is a sound effect that be suitable for various music.
These sound modes have 2-level gain effects.
Sound modes and 2-level gain are switched by I2C command.
And, Frequency effects of sound mode depends on C21,C22.
Please choose your suitable value of C21,C22 for Audio set.
Recommendation is C21=68nF, C22=4.7nF.
Frequency Response of Sound mode is shown in next page.
Regarding Pop noise reduction when sound mode and sound gain switched
NJW1201A doesn’t cover about this.
*Notice: About NJW1201
Regarding Pop noise reduction when sound mode and sound gain switched,
*Sound mode swtiched: Pop noise reduction is cared by capacitor pin.26
*Sound gain switched: Pop noise reduction is not cared
SRFil (pin.27)
C22
Sound-Output Ach
Sound-Output Bch
Sound-Intput Ach
Sound-Intput Bch
Sound
Filter
A
*Hi
*Lo
*ealaRebirth
*eala
*ealaRebirth & eala
Filter terminal
for Sound Mode
SurTC (pin.26)
Filter terminal
for Sound Mode
C21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com