전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NJW1201AFH2 데이터시트(PDF) 29 Page - Nisshinbo Micro Devices Inc.

부품명 NJW1201AFH2
상세설명  2ch Electronic Volume with Dynamic Bass Boost
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NISSHINBO [Nisshinbo Micro Devices Inc.]
홈페이지  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJW1201AFH2 데이터시트(HTML) 29 Page - Nisshinbo Micro Devices Inc.

Back Button NJW1201AFH2 Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 28Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 29Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 30Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
NJW1201A
– 29 –
APPLICATION NOTE
[6] 2
nd Volume
2
nd Volume range is 0dB to –28dB with –2dB steps.
Frequency response of 2
nd Volume depends on capacitor connected to VOL2CAP(pin.16,23).
It shows frequency response of 2
nd Volume in Fing.6-1(2nd Volume=-28dB), Fig6-2(2ndVolume=MUTE).
To flat the frequency response, please choose bigger capacitor.
Fig.6-1
Fig.6-2
But, when power turns on, it takes some charge time to VOL2CAP(pin.16.23)
If 2
nd Volume is switched on charge, Pop noise occurs.
The cause of pop noise is gap of Voltage between Vref and VOL2CAP.
To be fast the charge time, connect smaller capacitor to VOL2CAP.
Fig.6-3.VOL2CAP=1uF
Fig.6-4.VOL2CAP=4.7uF
Fig.6-4.VOL2CAP=10uF
Gain vs Frequency (2nd Volume)
V+=9V, 2ndVOL=-28dB, Vin=1Vrms, Ta=25oC
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
Frequency (Hz)
2ndVOL=MUTE
C=1uF
2ndVOL=MUTE
C=10uF
2ndVOL=MUTE
C=4.7uF
Gain vs Frequency (2nd Volume)
V+=9V, 2ndVOL=MUTE, Vin=1Vrms, Ta=25oC
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
Frequency (Hz)
2ndVOL=MUTE
C=10uF
2ndVOL=MUTE
C=1uF
2ndVOL=MUTE
C=4.7uF
1st&2ndVOL=MUTE
DC Voltage vs time (2nd Volume)
V+=0 ---> 9V, Ta=25oC
0
1
2
3
4
5
6
7
8
-0.5
00.5
11.5
2
time (s)
VOL2CAP=1uF
Vdc at VOL2CAP
Vref
DC Voltage vs time (2nd Volume)
V+=0 ---> 9V, Ta=25oC
0
1
2
3
4
5
6
7
8
-0.5
0
0.5
1
1.5
2
time (s)
VOL2CAP=4.7uF
Vref
Vdc at VOL2CAP
DC Voltage vs time (2nd Volume)
V+=0 ---> 9V, Ta=25oC
0
1
2
3
4
5
6
7
8
-0.5
0
0.5
1
1.5
2
time (s)
VOL2CAP=10uF
Vdc at VOL2CAP
Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com