| 전자부품 데이터시트 검색엔진 |
|
WM8959 데이터시트(PDF) 5 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8959 데이터시트(HTML) 5 Page - Wolfson Microelectronics plc |
|
5 / 155 page ![]() Pre-Production WM8959 w PP, May 2008, Rev 3.1 5 PIN DESCRIPTION PIN NO NAME TYPE DESCRIPTION A2 MICBIAS Analogue Output Microphone bias D3 LIN1 Analogue Input Left channel single-ended MIC input / Left channel negative differential MIC input C5 LIN2 Analogue Input Left channel line input / Left channel positive differential MIC input C6 LIN3 / GPI7 Analogue Input / Digital Input Left channel line input / Left channel negative differential MIC input / Accessory or button detect input pin B6 LIN4 / RXN Analogue Input Left channel line input / Left channel positive differential MIC input / Mono differential negative input (Rx voice -) D4 RIN1 Analogue Input Right channel single-ended MIC input / Right channel negative differential MIC input D6 RIN2 Analogue Input Right channel line input / Right channel positive differential MIC input D5 RIN3 / GPI8 Analogue Input / Digital Input Right channel line input / Right channel negative differential MIC input / Accessory or button detect input pin E5 RIN4 / RXP Analogue Input Left channel line input / Left channel positive differential MIC input / Mono differential positive input (Rx voice +) F6 DCVDD Supply Digital core supply E6 DGND Supply Digital ground (Return path for both DCVDD and DBVDD) G6 DBVDD Supply Digital buffer (I/O) supply A6 AVDD Supply Analogue supply A3 AGND Supply Analogue ground (Return path for AVDD) A5 HPVDD Supply Headphone supply B3 HPGND Supply Headphone ground (Return path for HPVDD) B2 SPKVDD Supply Supply for speaker driver B1 SPKGND Supply Ground for speaker driver (Return path from SPKVDD) F5 MCLK Digital Input Master clock G5 BCLK Digital Input / Output Audio interface bit clock G4 DACLRC Digital Input / Output Audio interface DAC left / right clock F3 DACDAT Digital Input DAC digital audio data E4 GPIO1 Digital Input / Output GPIO1 pin E2 MODE Digital Input Selects 2-wire or 3/4 -wire control F2 CSB / ADDR Digital Input 3/4 -wire chip select or 2-wire address select F1 SCLK Digital Input Control interface clock input E3 SDIN Digital Input / Output Control interface data input / 2-wire acknowledge output A1 SPKP Analogue Output Speaker positive output C1 SPKN Analogue Output Speaker negative output B4 LOUT Analogue Output Left headphone output B5 ROUT Analogue Output Right headphone output A4 OUT3 Analogue Output Inverted left headphone output / Mono inverted output C4 OUT4 Analogue Output Inverted right headphone output / Mono non-inverted output C2 LON Analogue Output Negative left line output / Positive right line output D1 LOP Analogue Output Positive left line output D2 RON Analogue Output Negative right line output / Positive left line output E1 ROP Analogue Output Positive right line output C3 VMID Analogue Output Midrail voltage decoupling capacitor G2 GPIO3 / BCLK2 Digital Input / Output Alternative BCLK / GPIO pin |