| 전자부품 데이터시트 검색엔진 |
|
R5F5651CDDFM 데이터시트(PDF) 31 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5651CDDFM 데이터시트(HTML) 31 Page - Renesas Technology Corp |
|
31 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 31 of 188 Oct 31, 2023 Serial communications interface (SCIh) Asynchronous mode/clock synchronous mode SCK12 I/O Input/output pin for the clock RXD12 Input Input pin for received data TXD12 Output Output pin for transmitted data CTS12# Input Input pin for controlling the start of transmission and reception RTS12# Output Output pin for controlling the start of transmission and reception Simple I2C mode SSCL12 I/O Input/output pin for the I2C clock SSDA12 I/O Input/output pin for the I2C data Simple SPI mode SCK12 I/O Input/output pin for the clock SMISO12 I/O Input/output pin for slave transmission of data SMOSI12 I/O Input/output pin for master transmission of data SS12# Input Chip-select input pin Extended serial mode RXDX12 Input Input pin for received data TXDX12 Output Output pin for transmitted data SIOX12 I/O Input/output pin for received or transmitted data Serial communications interface (SCIi) Asynchronous mode/clock synchronous mode SCK10 and SCK11 I/O Input/output pin for the clock RXD10 and RXD11 Input Input pin for received data TXD10 and TXD11 Output Output pin for transmitted data CTS10# and CTS11# Input Input pin for controlling the start of transmission and reception RTS10# and RTS11# Output Output pin for controlling the start of transmission and reception Simple I2C mode SSCL10 and SSCL11 I/O Input/output pin for the I2C clock SSDA10 and SSDA11 I/O Input/output pin for the I2C data Simple SPI mode SCK10 and SCK11 I/O Input/output pin for the clock SMISO10 and SMISO11 I/O Input/output pin for slave transmission of data SMOSI10 and SMOSI11 I/O Input/output pin for master transmission of data SS10# and SS11# Input Chip-select input pin I2C bus interface SCL0[FM+], SCL1, SCL2, SCL2-DS I/O Input/output pins for clocks. Bus can be directly driven by the N-channel open drain SDA0[FM+], SDA1, SDA2, SDA2-DS I/O Input/output pins for data. Bus can be directly driven by the N-channel open drain Table 1.4 Pin Functions (4/8) Classifications Pin Name I/O Description |