| 전자부품 데이터시트 검색엔진 |
|
R5F5651CDDFM 데이터시트(PDF) 75 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5651CDDFM 데이터시트(HTML) 75 Page - Renesas Technology Corp |
|
75 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 75 of 188 Oct 31, 2023 1.6.5 100-Pin TFLGA Table 1.9 List of Pin and Pin Functions (100-Pin TFLGA) (1/5) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC Timer Communication Memory Interface Camera Interface GLCDC Interrupt A/D D/A 100-Pin TFLGA (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCI, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF) A1 P05 IRQ13 DA1 A2 AVCC1 A3 P07 IRQ15 ADTRG0 # A4 VREFL0 A5 P43 IRQ11- DS AN003 A6 PD0 D0[A0/D0] POE4# LCD_EX TCLK-B *1 IRQ0 AN108 A7 PD4 D4[A4/D4] MTIOC8B/ POE11# SSLC0-A QSSL-B/ SDHI_CMD-B/ MMC_CMD-B LCD_DA TA20-B*1 IRQ4 AN112 A8 PE0 D8[A8/D8]/ D0[A0/D0]*1 MTIOC3D SCK12/SSLB1-B MMC_D4-B LCD_DA TA16-B*1 ANEX0 A9 PE1 D9[A9/D9]/ D1[A1/D1]*1 MTIOC4C/ MTIOC3B/ PO18 TXD12/ SMOSI12/ SSDA12/ TXDX12/ SIOX12/SSLB2- B MMC_D5-B LCD_DA TA15-B*1 ANEX1 A10 PE2 D10[A10/ D10]/D2[A2/ D2]*1 MTIOC4A/ PO23/TIC3 RXD12/ SMISO12/ SSCL12/ RXDX12/SSLB3- B MMC_D6-B LCD_DA TA14-B*1 IRQ7-DS AN100 B1 EMLE B2 AVSS0 B3 AVCC0 B4 P40 IRQ8-DS AN000 B5 P44 IRQ12- DS AN004 B6 PD1 D1[A1/D1] MTIOC4B/ POE0# MOSIC-A/CTX0 LCD_DA TA23-B*1 IRQ1 AN109 B7 PD3 D3[A3/D3] MTIOC8D/ TOC2/POE8# RSPCKC-A QIO3-B/SDHI_D3- B/MMC_D3-B LCD_DA TA21-B*1 IRQ3 AN111 B8 PD6 D6[A6/D6] MTIC5V/ MTIOC8A/ POE4# SSLC2-A QMO-B/QIO0-B/ SDHI_D0-B/ MMC_D0-B LCD_DA TA18-B*1 IRQ6 AN106 B9 PD7 D7[A7/D7] MTIC5U/ POE0# SSLC3-A QMI-B/QIO1-B/ SDHI_D1-B/ MMC_D1-B LCD_DA TA17-B*1 IRQ7 AN107 B10 PE3 D11[A11/ D11]/D3[A3/ D3]*1 MTIOC4B/ PO26/TOC3/ POE8# ET0_ERXD3/ CTS12#/ RTS12#/SS12# MMC_D7-B LCD_DA TA13-B*1 AN101 C1 VCL C2 AVSS1 C3 PJ3 EDACK1 MTIOC3C ET0_EXOUT/ CTS6#/RTS6#/ SS6#/CTS0#/ RTS0#/SS0# C4 VREFH0 C5 P42 IRQ10- DS AN002 |