| 전자부품 데이터시트 검색엔진 |
|
R5F5651CDDFM 데이터시트(PDF) 62 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5651CDDFM 데이터시트(HTML) 62 Page - Renesas Technology Corp |
|
62 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 62 of 188 Oct 31, 2023 B13 PE4 D12[A12/ D12]/D4[A4/ D4]*1 MTIOC4D/ MTIOC1A/ PO28 ET0_ERXD2/ SSLB0-B LCD_DA TA12-B*1 AN102 C1 AVSS1 C2 P02 TMCI1 SCK6 IRQ10 AN120 C3 VREFH0 C4 P41 IRQ9-DS AN001 C5 P46 IRQ14- DS AN006 C6 VSS C7 PD1 D1[A1/D1] MTIOC4B/ POE0# MOSIC-A/CTX0 LCD_DA TA23-B*1 IRQ1 AN109 C8 PD3 D3[A3/D3] MTIOC8D/ TOC2/POE8# RSPCKC-A QIO3-B/SDHI_D3- B/MMC_D3-B LCD_DA TA21-B*1 IRQ3 AN111 C9 PD7 D7[A7/D7] MTIC5U/ POE0# SSLC3-A QMI-B/QIO1-B/ SDHI_D1-B/ MMC_D1-B LCD_DA TA17-B*1 IRQ7 AN107 C10 P63 CAS#/ D2[A2/D2]*1/ CS3# C11 PE0 D8[A8/D8]/ D0[A0/D0]*1 MTIOC3D SCK12/SSLB1-B MMC_D4-B LCD_DA TA16-B*1 ANEX0 C12 P70 SDCLK C13 VSS D1 P00 TMRI0 TXD6/SMOSI6/ SSDA6 IRQ8 AN118 D2 PF5 IRQ4 D3 P03 IRQ11 DA0 D4 P01 TMCI0 RXD6/SMISO6/ SSCL6 IRQ9 AN119 D5 VCC D6 P93 A19 POE0# CTS7#/RTS7#/ SS7# AN117 D7 PD5 D5[A5/D5] MTIC5W/ MTIOC8C/ POE10# SSLC1-A QSPCLK-B/ SDHI_CLK-B/ MMC_CLK-B LCD_DA TA19-B*1 IRQ5 AN113 D8 P60 CS0# D9 P64 WE#/D3[A3/ D3]*1/CS4# D10 PE7 D15[A15/ D15]/D7[A7/ D7]*1 MTIOC6A/ TOC1 MISOB-B SDHI_WP/ MMC_RES#-B LCD_DA TA9-B*1 IRQ7 AN105 D11 VCC D12 PE5 D13[A13/ D13]/D5[A5/ D5]*1 MTIOC4C/ MTIOC2B ET0_RX_CLK/ REF50CK0/ RSPCKB-B LCD_DA TA11-B*1 IRQ5 AN103 D13 PE6 D14[A14/ D14]/D6[A6/ D6]*1 MTIOC6C/TIC1 MOSIB-B SDHI_CD/ MMC_CD-B LCD_DA TA10-B*1 IRQ6 AN104 E1 VSS E2 VCL E3 PJ5 POE8# CTS2#/RTS2#/ SS2# Table 1.7 List of Pin and Pin Functions (145-Pin TFLGA) (2/7) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC SDRAMC Timer Communication Memory Interface Camera Interface GLCDC Interrupt A/D D/A 145-Pin TFLGA (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCI, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF, PDC) |