전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KT-DMLN31-13 데이터시트(PDF) 6 Page - ams-OSRAM AG

부품명 KT-DMLN31-13
상세설명  SYNIOS® P2720
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KT-DMLN31-13 데이터시트(HTML) 6 Page - ams-OSRAM AG

Back Button KT-DMLN31-13 Datasheet HTML 2Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 3Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 4Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 5Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 6Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 7Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 8Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 9Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
KT DMLN31.13
DATASHEET
DATASHEET
6 | Version 1.2 | 2023-01-27
Characteristics
I
F = 65 mA; TS = 25 °C
Parameter
Symbol
Values
Dominant Wavelength 3)
I
F = 65 mA
λ
dom
min.
typ.
max.
519 nm
528 nm
543 nm
Viewing angle at 50% I
V
2φ
typ.
120 °
Forward Voltage 4)
I
F = 65 mA
V
F
min.
typ.
max.
2.10 V
2.55 V
3.50 V
Reverse voltage (ESD device)
V
R ESD
min.
45 V
Reverse voltage 2)
I
R = 20 mA
V
R
max.
1.2 V
Real thermal resistance junction/solderpoint 5)
R
thJS real
typ.
max.
18 K / W
20 K / W
Electrical thermal resistance junction/solderpoint 5)
with efficiency η
e = 27 %
R
thJS elec.
typ.
max.
13 K / W
15 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com