전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KT-DMLN31-13 데이터시트(PDF) 10 Page - ams-OSRAM AG

부품명 KT-DMLN31-13
상세설명  SYNIOS® P2720
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KT-DMLN31-13 데이터시트(HTML) 10 Page - ams-OSRAM AG

Back Button KT-DMLN31-13 Datasheet HTML 6Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 7Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 8Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 9Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 10Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 11Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 12Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 13Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
KT DMLN31.13
DATASHEET
DATASHEET
10 | Version 1.2 | 2023-01-27
Forward current 6), 7)
I
F = f(VF); TS = 25 °C
KT DMLN31.13
2,22,4
2,62,8
3,03,2
VF [V]
5
50
100
150
200
250
300
IF [mA]
Relative Luminous Flux 6), 7)
Φ
v/Φv(65 mA) = f(IF); TS = 25 °C
KT DMLN31.13
IF [mA]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
ΦV
ΦV(65mA)
Dominant Wavelength 6)
Δλ
dom = f(IF); TS = 25 °C
KT DMLN31.13
IF [mA]
-10
-5
0
5
10
∆λ dom [nm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com