전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KT-DMLN31-13 데이터시트(PDF) 12 Page - ams-OSRAM AG

부품명 KT-DMLN31-13
상세설명  SYNIOS® P2720
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KT-DMLN31-13 데이터시트(HTML) 12 Page - ams-OSRAM AG

Back Button KT-DMLN31-13 Datasheet HTML 8Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 9Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 10Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 11Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 12Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 13Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 14Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 15Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
KT DMLN31.13
DATASHEET
DATASHEET
12 | Version 1.2 | 2023-01-27
Max. Permissible Forward Current
I
F = f(T)
KT DMLN31.13
020406080
100
120
T [°C]
0
50
100
150
200
250
300
IF [mA]
:Ts
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle
10-6 10-5 10-4 10-3 0,01 0,11
10
Pulsetime [s]
0,4
0,6
0,8
IF [A]
TS =0°C ... 121°C
KT DMLN31.13
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle
10-6 10-5 10-4 10-3 0,01 0,11
10
Pulsetime [s]
0,4
0,6
0,8
IF [A]
TS = 125°C
KT DMLN31.13
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com