전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MK50H28PLCC52 데이터시트(PDF) 62 Page - STMicroelectronics

부품명 MK50H28PLCC52
상세설명  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28PLCC52 데이터시트(HTML) 62 Page - STMicroelectronics

Back Button MK50H28PLCC52 Datasheet HTML 56Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 57Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 58Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 59Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 60Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 61Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 62Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 63Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.63
0.025
b
0.45
0.018
b1
0.23
0.31
0.009
0.012
b2
1.27
0.050
D
62.74
2.470
E
15.2
16.68
0.598
0.657
e
2.54
0.100
e3
58.42
2.300
F
14.1
0.555
I
4.445
0.175
L
3.3
0.130
DIP48
OUTLINE AND
MECHANICAL DATA
MK50H28
62/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64