| 전자부품 데이터시트 검색엔진 |
|
MK50H28PLCC52 데이터시트(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H28PLCC52 데이터시트(HTML) 41 Page - STMicroelectronics |
|
41 / 64 page ![]() 4.3.1.4 Receive Message Descriptor 2 (RMD2) 1 5 1 4 1 3 0 7 0 8 1 0 1 1 1 2 0 1 0 2 0 3 0 4 0 5 0 0 0 9 0 6 BCNT<15:00> 0 BIT NAME DESCRIPTION 15:00 BCNT Buffer Byte Count is the length of the buffer pointed to by this descriptor expressed in two’s complement. This field is written to by the Host and unchanged by MK50H28. The value of BCNT must be an even number. For LMI channels this field should be set to greater than 14 bytes. 4.3.1.5 Receive Message Descriptor 3 (RMD3) 1 5 1 4 1 3 0 7 0 8 1 0 1 1 1 2 0 1 0 2 0 3 0 4 0 5 0 0 0 9 0 6 MCNT<15:00> BIT NAME DESCRIPTION 15:00 MCNT Message Byte Count is the length, in bytes, of the received signal unit. MCNT is valid only when ELF is set to a one. MCNT is written by MK50H28 and read by the Host. If ELF is set to a zero the entire buffer has been utilized and the message byte count is given in BCNT above. The value of this field is expressed in two’s complement. 4.3.2 Transmit Message Descriptor Entry 4.3.2.1 Transmit Message Descriptor 0 (TMD0) For Non-LMI Channel 1 5 1 0 1 4 0 9 1 2 1 1 0 8 0 3 0 7 0 2 0 6 0 5 0 4 0 1 0 0 1 3 TBADR<23:16> O W N A E O R E L F C/R F E C N B E C N DE T I N T D MK50H28 41/64 |