전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP4725A2TE/CH 데이터시트(PDF) 33 Page - Microchip Technology

부품명 MCP4725A2TE/CH
상세설명  12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725A2TE/CH 데이터시트(HTML) 33 Page - Microchip Technology

Back Button MCP4725A2TE/CH Datasheet HTML 29Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 30Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 31Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 32Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 33Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 34Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 35Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 36Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
© 2007 Microchip Technology Inc.
DS22039C-page 33
MCP4725
8.5.5
PROGRAMMABLE CURRENT
SOURCE
Example 8-3 illustrates an example how to convert the
DAC voltage output to a digitally selectable current
source by adding a voltage follower and a sensor
register.
FIGURE 8-3:
Digitally Controllable Current Source.
LOAD
VDD
IL
IB
RSENSE
R
R
MCP4725
VDD
VOUT
A0
SCL
VSS
1
2
3
4
5
6
VDD
SDA
10 µF
0.1 µF
VDD
D
Input Code (0 to 4095)
=
I
L
V
OUT
R
SENSE
------------------
β
β 1
+
------------
=
V
OUT
V
DD
D
4096
------------
×
=
I
B
I
L
β
----
=
VOUT
To MCU
(MASTER)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com