전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP4725A2TE/CH 데이터시트(PDF) 8 Page - Microchip Technology

부품명 MCP4725A2TE/CH
상세설명  12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725A2TE/CH 데이터시트(HTML) 8 Page - Microchip Technology

Back Button MCP4725A2TE/CH Datasheet HTML 4Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 5Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 6Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 7Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 8Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 9Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 10Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 11Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
MCP4725
DS22039C-page 8
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = +5.0V, VSS = 0V, R
L = 5 kΩ to VSS, CL = 100 pF.
FIGURE 2-18:
VIN Low Threshold vs.
Temperature and VDD.
FIGURE 2-19:
Full-Scale Settling Time.
FIGURE 2-20:
Full-Scale Settling Time.
FIGURE 2-21:
Half-Scale Settling Time.
FIGURE 2-22:
Half-Scale Settling Time.
FIGURE 2-23:
Code Change Glitch.
0.50
0.70
0.90
1.10
1.30
1.50
1.70
1.90
2.10
2.30
2.50
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (C)
VDD = 5.5V
VDD = 5.0V
VDD = 2.7V
Full-Scale Code Change: 000h to FFFh
VOUT
(2V/Div)
CLK
Time (2µs/Div)
Full-Scale Code Change: FFFh to 000h
VOUT
(2V/Div)
CLK
Time (2µs/Div)
Half-Scale Code Change: 000h to 7FFh
VOUT
(2V/Div)
CLK
Time (2µs/Div)
VOUT
(2V/Div)
CLK
Time (2µs/Div)
Half-Scale Code Change: 7FFh to 000h
Code Change: 800h to 7FFh
VOUT
(20 mV/Div)
Time (1µs/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com