전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP4725A2TE/CH 데이터시트(PDF) 7 Page - Microchip Technology

부품명 MCP4725A2TE/CH
상세설명  12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725A2TE/CH 데이터시트(HTML) 7 Page - Microchip Technology

Back Button MCP4725A2TE/CH Datasheet HTML 3Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 4Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 5Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 6Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 7Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 8Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 9Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 10Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
© 2007 Microchip Technology Inc.
DS22039C-page 7
MCP4725
Note: Unless otherwise indicated, T
A = +25°C, VDD = +5.0V, VSS = 0V, R
L = 5 kΩ to VSS, CL = 100 pF.
FIGURE 2-12:
IDD Histogram .
FIGURE 2-13:
IDD Histogram.
FIGURE 2-14:
Offset Error vs. Temperature
and VDD.
FIGURE 2-15:
V
OUT vs. Resistive Load.
FIGURE 2-16:
Source and Sink Current
Capability.
FIGURE 2-17:
VIN High Threshold vs.
Temperature and VDD.
0
10
20
30
40
50
60
70
80
90
100
Current (µA)
VDD = 5V
VDD = 2.7V
0
10
20
30
40
50
60
70
80
Current (µA)
0.00
0.50
1.00
1.50
2.00
2.50
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
2.7V
5.5V
0
1
2
3
4
5
6
0123
4
5
Load Resistance (kΩ)
VDD = 5V
Code = FFFh
0
1
2
3
4
5
6
048
12
16
ISOURCE/SINK(mA)
Code = FFFh
Code = 000h
VDD = 5V
1.00
1.50
2.00
2.50
3.00
3.50
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
VDD = 5.5V
VDD = 5.0V
VDD = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com