전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM1PS-JZ 데이터시트(PDF) 4 Page - AIMTEC

부품명 AM1PS-JZ
상세설명  DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1PS-JZ 데이터시트(HTML) 4 Page - AIMTEC

  AM1PS-JZ Datasheet HTML 1Page - AIMTEC AM1PS-JZ Datasheet HTML 2Page - AIMTEC AM1PS-JZ Datasheet HTML 3Page - AIMTEC AM1PS-JZ Datasheet HTML 4Page - AIMTEC AM1PS-JZ Datasheet HTML 5Page - AIMTEC AM1PS-JZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
F 052e R4
www.Aimtec.com
4
Rev: 08/21/A
AM1PS-JZ
DC-DC Converter
3.3Vout models
5Vin, 5/9/12/15/24Vout models
Other models
0
20
60
40
80
100
80
60
40
20
0
Safe Operating Area
Free Air Convection
Ambient Temperature º C
100
-40
-20
105
85
Tolerance Envelope Graph
Output Current (%)
10%
50%
100%
Nominal
Voltage
-12%
-5%
+2%
+5%
+12%
0%
Tolerance Envelope Graph
Output Current (%)
10%
50%
100%
Nominal
Voltage
-7.5%
-2.5%
+2.5%
+5%
+10%
0%
Tolerance Envelope Graph
Output Current (%)
10%
50%
100%
Nominal
Voltage
-7.5%
-2.5%
+2.5%
+3%
+8%
-2%
Derating
Output voltage tolerance



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com