전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM1PS-JZ 데이터시트(PDF) 2 Page - AIMTEC

부품명 AM1PS-JZ
상세설명  DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1PS-JZ 데이터시트(HTML) 2 Page - AIMTEC

  AM1PS-JZ Datasheet HTML 1Page - AIMTEC AM1PS-JZ Datasheet HTML 2Page - AIMTEC AM1PS-JZ Datasheet HTML 3Page - AIMTEC AM1PS-JZ Datasheet HTML 4Page - AIMTEC AM1PS-JZ Datasheet HTML 5Page - AIMTEC AM1PS-JZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
F 052e R4
www.Aimtec.com
2
Rev: 08/21/A
AM1PS-JZ
DC-DC Converter
Single Output
Model
Input
Voltage
(VDC)
Output
Voltage
(VDC)
Input Current
Full | No load
typ. (mA)
Output
Current
max | min
(mA)*
Isolation
(VDC)
Maximum
capacitive
Load
(µF)
Efficiency
Typ. (%)
AM1PS-1203SJZ #
12 (10.8-13.2)
3.3
112 / 8
303 / 30
1500
2400
75
AM1PS-1205SJZ #
12 (10.8-13.2)
5
105 / 8
200 / 20
1500
2400
80
AM1PS-1212SJZ #
12 (10.8-13.2)
12
105 / 8
83 / 9
1500
560
80
AM1PS-1215SJZ #
12 (10.8-13.2)
15
103 / 8
67 / 7
1500
560
81
AM1PS-1224SJZ #
12 (10.8-13.2)
24
103 / 8
42 / 5
1500
220
81
AM1PS-2403SJZ #
24 (21.6-26.4)
3.3
56 / 8
303 / 30
1500
2400
75
AM1PS-2405SJZ #
24 (21.6-26.4)
5
53 / 8
200 / 20
1500
2400
79
AM1PS-2412SJZ #
24 (21.6-26.4)
12
52 / 8
83 / 9
1500
560
81
AM1PS-2415SJZ #
24 (21.6-26.4)
15
52 / 8
67 / 7
1500
560
81
AM1PS-2424SJZ #
24 (21.6-26.4)
24
52 / 8
42 / 5
1500
220
81
AM1PS-0503SH30JZ
5 (4.5-5.5)
3.3
270 / 5
303 / 30
3000
2400
74
AM1PS-0505SH30JZ #
5 (4.5-5.5)
5
270 / 5
200 / 20
3000
2400
82
AM1PS-0509SH30JZ #
5 (4.5-5.5)
9
241 / 12
111 / 12
3000
1000
83
AM1PS-0512SH30JZ #
5 (4.5-5.5)
12
241 / 12
84 / 9
3000
560
83
AM1PS-0515SH30JZ #
5 (4.5-5.5)
15
241 / 18
67 / 7
3000
560
83
AM1PS-0524SH30JZ
5 (4.5-5.5)
24
241 / 18
42 / 5
3000
220
85
AM1PS-1203SH30JZ #
12 (10.8-13.2)
3.3
112 / 8
303 / 30
3000
2400
75
AM1PS-1205SH30JZ #
12 (10.8-13.2)
5
105 / 8
200 / 20
3000
2400
80
AM1PS-1212SH30JZ #
12 (10.8-13.2)
12
105 / 8
83 / 9
3000
560
80
AM1PS-1215SH30JZ #
12 (10.8-13.2)
15
103 / 8
67 / 7
3000
560
81
AM1PS-1224SH30JZ #
12 (10.8-13.2)
24
103 / 8
42 / 5
3000
220
81
AM1PS-2403SH30JZ #
24 (21.6-26.4)
3.3
56 / 8
303 / 30
3000
2400
75
AM1PS-2405SH30JZ #
24 (21.6-26.4)
5
53 / 8
200 / 20
3000
2400
79
AM1PS-2412SH30JZ #
24 (21.6-26.4)
12
52 / 8
83 / 9
3000
560
81
AM1PS-2415SH30JZ #
24 (21.6-26.4)
15
52 / 8
67 / 7
3000
560
81
AM1PS-2424SH30JZ #
24 (21.6-26.4)
24
52 / 8
42 / 5
3000
220
81
* Performance will be degraded if the load is not within the output current range.
Input Specification
Parameters
Conditions
Typical
Maximum
Units
Filter
Capacitor
Absolute maximum rating
Maximum duration 1s, 5Vin
>0.7
9
VDC
Maximum duration 1s, 12Vin
>0.7
18
VDC
Maximum duration 1s, 24Vin
>0.7
30
VDC
Input reflected ripple current
5Vin models
15
mA
Other models
30
mA
Isolation Specification
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
60 sec, leakage ≤ 1mA
>1500
VDC
Models & Specifications



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com