전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM1PS-JZ 데이터시트(PDF) 3 Page - AIMTEC

부품명 AM1PS-JZ
상세설명  DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1PS-JZ 데이터시트(HTML) 3 Page - AIMTEC

  AM1PS-JZ Datasheet HTML 1Page - AIMTEC AM1PS-JZ Datasheet HTML 2Page - AIMTEC AM1PS-JZ Datasheet HTML 3Page - AIMTEC AM1PS-JZ Datasheet HTML 4Page - AIMTEC AM1PS-JZ Datasheet HTML 5Page - AIMTEC AM1PS-JZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
F 052e R4
www.Aimtec.com
3
Rev: 08/21/A
AM1PS-JZ
DC-DC Converter
60 sec, leakage ≤ 1mA for H30 models
>3000
VDC
Resistance
500VDC
>1000
MΩ
Capacitance
100kHz/0.1V
20
pF
Output Specification
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
See output voltage tolerance
±5
%
Line regulation
Per 1% Vin change, 3.3Vout models
1.5
%
Per 1% Vin change, other models
1.2
%
Load regulation
10-100% load, 3.3Vout models
8
20
%
10-100% load, 5Vout models
6
15
%
10-100% load, other models
10
%
Ripple & Noise*
24Vout models
50
100
mV pk-pk
other models
30
75
mV pk-pk
Temperature coefficient
±0.02
%/°C
* Ripple and Noise are measured at 20MHz bandwidth. Please refer to the application note for specific details.
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
Full load, nominal input, 5Vin models
270
KHz
Full load, nominal input
260
KHz
Short circuit protection
Continuous, Auto recovery
Operating temperature
With derating
-40 to +105
°C
Storage temperature
-55 to +125
°C
Case temperature rise
Ambient temperature at 25°C, 5Vin, 3.3Vout model
25
°C
Ambient temperature at 25°C, 5Vin, other models
15
°C
Ambient temperature at 25°C, other models
30
°C
Manual soldering temperature
1.5mm away from case, duration ≤ 10sec
300
°C
Cooling
Free air convection
Humidity
Non-condensing
>5
95
% RH
Vibration
10-150Hz, 5G, 30Min, along all axis
Case material
Black plastic (flammability to UL 94V-0)
Weight
1.8
g
Dimensions (L x W x H)
0.50 x 0.40 x 0.32 inches (12.70 x 10.16 x 8.20 mm)
MTBF
3 500 000 hrs (MIL-HDBK -217F, t=+25°C) / Full Load
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated
output load unless otherwise specified.
Safety Specifications
Parameters
Agency approval
cULus UL62368-1 (For models marked with # only)
Standards
Information technology equipment
Design to meet IEC/EN62368-1
EMC - Conducted and radiated emission
CISPR32 / EN55032, class B with the recommended EMI circuit
Electrostatic Discharge Immunity
IEC 61000-4-2 Air ±8KV, Contact ±4KV, Criteria B for 5Vin models
IEC 61000-4-2 Contact ±6KV, Criteria B for 12/24Vin models



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com