| 전자부품 데이터시트 검색엔진 |
|
74HC4053 데이터시트(PDF) 7 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74HC4053 데이터시트(HTML) 7 Page - Nexperia B.V. All rights reserved |
|
7 / 31 page ![]() 74HC_HCT4053 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 9 — 10 February 2016 7 of 31 NXP Semiconductors 74HC4053; 74HCT4053 Triple 2-channel analog multiplexer/demultiplexer 10. Static characteristics Table 6. RON resistance per switch for 74HC4053 and 74HCT4053 VI = VIH or VIL; for test circuit see Figure 9. Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input. Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output. For 74HC4053: VCC GND or VCC VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V. For 74HCT4053: VCC GND = 4.5 V and 5.5 V, VCC VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V. Symbol Parameter Conditions Min Typ Max Unit Tamb =25 C RON(peak) ON resistance (peak) Vis =VCC to VEE VCC = 2.0 V; VEE = 0 V; ISW = 100 A [1] -- - VCC = 4.5 V; VEE = 0 V; ISW = 1000 A - 100 180 VCC = 6.0 V; VEE = 0 V; ISW = 1000 A - 90 160 VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A - 70 130 RON(rail) ON resistance (rail) Vis =VEE VCC = 2.0 V; VEE = 0 V; ISW = 100 A [1] -150 - VCC = 4.5 V; VEE = 0 V; ISW = 1000 A - 80 140 VCC = 6.0 V; VEE = 0 V; ISW = 1000 A - 70 120 VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A - 60 105 Vis =VCC VCC = 2.0 V; VEE = 0 V; ISW = 100 A [1] -150 - VCC = 4.5 V; VEE = 0 V; ISW = 1000 A - 90 160 VCC = 6.0 V; VEE = 0 V; ISW = 1000 A - 80 140 VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A - 65 120 R ON ON resistance mismatch between channels Vis =VCC to VEE VCC = 2.0 V; VEE = 0 V [1] -- - VCC = 4.5 V; VEE = 0 V - 9 - VCC = 6.0 V; VEE = 0 V - 8 - VCC = 4.5 V; VEE = 4.5 V - 6 - Tamb = 40 Cto+85 C RON(peak) ON resistance (peak) Vis =VCC to VEE VCC = 2.0 V; VEE = 0 V; ISW = 100 A [1] -- - VCC = 4.5 V; VEE = 0 V; ISW = 1000 A - - 225 VCC = 6.0 V; VEE = 0 V; ISW = 1000 A - - 200 VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A - - 165 |