| 전자부품 데이터시트 검색엔진 |
|
74HC4053 데이터시트(PDF) 11 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74HC4053 데이터시트(HTML) 11 Page - Nexperia B.V. All rights reserved |
|
11 / 31 page ![]() 74HC_HCT4053 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 9 — 10 February 2016 11 of 31 NXP Semiconductors 74HC4053; 74HCT4053 Triple 2-channel analog multiplexer/demultiplexer II input leakage current VEE = 0 V; VI =VCC or GND VCC = 6.0 V - - 1.0 A VCC = 10.0 V - - 2.0 A IS(OFF) OFF-state leakage current VCC = 10.0 V; VEE = 0 V; VI =VIH or VIL; V SW =VCC VEE; see Figure 11 per channel - - 1.0 A all channels - - 1.0 A IS(ON) ON-state leakage current VI =VIH or VIL; VSW =VCC VEE; VCC = 10.0 V; VEE = 0 V; see Figure 12 -- 1.0 A ICC supply current VEE = 0 V; VI =VCC or GND; Vis =VEE or VCC; Vos =VCC or VEE VCC = 6.0 V - - 160.0 A VCC = 10.0 V - - 320.0 A Table 7. Static characteristics for 74HC4053 …continued Voltages are referenced to GND (ground = 0 V). Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input. Vos is the output voltage at pins nZ or nYn, whichever is assigned as an output. Symbol Parameter Conditions Min Typ Max Unit Table 8. Static characteristics for 74HCT4053 Voltages are referenced to GND (ground = 0 V). Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input. Vos is the output voltage at pins nZ or nYn, whichever is assigned as an output. Symbol Parameter Conditions Min Typ Max Unit Tamb =25 C VIH HIGH-level input voltage VCC = 4.5 V to 5.5 V 2.0 1.6 - V VIL LOW-level input voltage VCC = 4.5 V to 5.5 V - 1.2 0.8 V II input leakage current VI =VCC or GND; VCC = 5.5 V; VEE = 0 V - - 0.1 A IS(OFF) OFF-state leakage current VCC = 10.0 V; VEE = 0 V; VI =VIH or VIL; V SW =VCC VEE; see Figure 11 per channel - - 0.1 A all channels - - 0.1 A IS(ON) ON-state leakage current VCC = 10.0 V; VEE = 0 V; VI =VIH or VIL; V SW =VCC VEE; see Figure 12 -- 0.1 A ICC supply current VI =VCC or GND; Vis =VEE or VCC; Vos =VCC or VEE VCC = 5.5 V; VEE = 0 V - - 8.0 A VCC = 5.0 V; VEE = 5.0 V - - 16.0 A I CC additional supply current per input; VI =VCC 2.1 V; other inputs at VCC or GND; VCC = 4.5 V to 5.5 V; VEE = 0 V -50 180 A CI input capacitance - 3.5 - pF Csw switch capacitance independent pins nYn - 5 - pF common pins nZ - 8 - pF |