| 전자부품 데이터시트 검색엔진 |
|
74HC4053 데이터시트(PDF) 2 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74HC4053 데이터시트(HTML) 2 Page - Nexperia B.V. All rights reserved |
|
2 / 31 page ![]() 74HC_HCT4053 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 9 — 10 February 2016 2 of 31 NXP Semiconductors 74HC4053; 74HCT4053 Triple 2-channel analog multiplexer/demultiplexer 4. Ordering information 5. Functional diagram Table 1. Ordering information Type number Package Temperature range Name Description Version 74HC4053D 40 C to +125 C SO16 plastic small outline package; 16 leads; body width 3.9 mm SOT109-1 74HCT4053D 74HC4053DB 40 C to +125 C SSOP16 plastic shrink small outline package; 16 leads; body width 5.3 mm SOT338-1 74HCT4053DB 74HC4053PW 40 C to +125 C TSSOP16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm SOT403-1 74HCT4053PW 74HC4053BQ 40 C to +125 C DHVQFN16 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 3.5 0.85 mm SOT763-1 74HCT4053BQ Fig 1. Functional diagram |