전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G66GS 데이터시트(PDF) 7 Page - Nexperia B.V. All rights reserved

부품명 74LVC1G66GS
상세설명  Bilateral switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G66GS 데이터시트(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G66GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
74LVC1G66
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 10 — 7 December 2016
7 of 25
NXP Semiconductors
74LVC1G66
Bilateral switch
[1]
Typical values are measured at Tamb = 25 C and nominal VCC.
[2]
Flatness is defined as the difference between the maximum and minimum value of ON resistance measured at identical VCC and
temperature.
10.3 ON resistance test circuit and graphs
RON(flat)
ON resistance
(flatness)
VI =GND to VCC
[2]
ISW =4mA;
VCC =1.65Vto1.95V
-26.0
-
-
-
ISW =8mA; VCC = 2.3 V to 2.7 V
-
5.0
-
-
-
ISW =12mA; VCC =2.7 V
-
3.5
-
-
-
ISW =24mA; VCC = 3.0 V to 3.6 V
-
2.0
-
-
-
ISW =32mA; VCC = 4.5 V to 5.5 V
-
1.5
-
-
-
Table 8.
ON resistance …continued
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graphs see Figure 10 to Figure 15.
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
RON =VSW/ISW.(1) VCC = 1.8 V.
(2) VCC = 2.5 V.
(3) VCC = 2.7 V.
(4) VCC = 3.3 V.
(5) VCC = 5.0 V.
Fig 9.
Test circuit for measuring ON resistance
Fig 10. Typical ON resistance as a function of input
voltage; Tamb = 25 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com