전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G66GS 데이터시트(PDF) 1 Page - Nexperia B.V. All rights reserved

부품명 74LVC1G66GS
상세설명  Bilateral switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G66GS 데이터시트(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC1G66GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1.
General description
The 74LVC1G66 provides one single pole, single-throw analog switch function. It has two
input/output terminals (Y and Z) and an active HIGH enable input pin (E). When E is LOW,
the analog switch is turned off.
Schmitt-trigger action at the enable input makes the circuit tolerant of slower input rise and
fall times across the entire VCC range from 1.65 V to 5.5 V.
2.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 Very low ON resistance:
 7.5
 (typical) at V
CC =2.7 V
 6.5
 (typical) at V
CC =3.3 V
 6
 (typical) at V
CC =5V
 Switch current capability of 32 mA
 High noise immunity
 CMOS low power consumption
 TTL interface compatibility at 3.3 V
 Latch-up performance meets requirements of JESD78 Class I
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Enable input accepts voltages up to 5.5 V
 Multiple package options
 Specified from
40 Cto+85 C and 40 Cto+125 C
3.
Ordering information
74LVC1G66
Bilateral switch
Rev. 10 — 7 December 2016
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1G66GW
40 C to +125 C
TSSOP5
plastic thin shrink small outline package; 5 leads;
body width 1.25 mm
SOT353-1
74LVC1G66GV
40 C to +125 C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74LVC1G66GM
40 C to +125 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1.45  0.5 mm
SOT886


유사한 부품 번호 - 74LVC1G66GS

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVC1G66GS NEXPERIA-74LVC1G66GS Datasheet
316Kb / 21P
Bilateral switch
Rev. 12 - 12 January 2022
74LVC1G66GS NEXPERIA-74LVC1G66GS Datasheet
342Kb / 23P
Bilateral switch
Rev. 14.1 3 September 2024
More results

유사한 설명 - 74LVC1G66GS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
Bilateral switch
2002 May 15
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
BILATERAL SWITCH
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
Bilateral switch
Rev. 02-28 August 2007
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
Bilateral switch
Rev. 5-16 June 2010
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
BILATERAL SWITCH
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
BILATERAL SWITCH
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
Bilateral switch
Rev. 12 - 12 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com