전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G66GS 데이터시트(PDF) 13 Page - Nexperia B.V. All rights reserved

부품명 74LVC1G66GS
상세설명  Bilateral switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G66GS 데이터시트(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G66GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
74LVC1G66
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 10 — 7 December 2016
13 of 25
NXP Semiconductors
74LVC1G66
Bilateral switch
f(3dB)
3 dB frequency response
RL =600 ; CL =50 pF;
see Figure 20
VCC = 1.65 V
-
135
-
MHz
VCC = 2.3 V
-
145
-
MHz
VCC = 3.0 V
-
150
-
MHz
VCC = 4.5 V
-
155
-
MHz
RL =50 ; CL = 5 pF; see Figure 20
VCC =1.65V
-
 500
-
MHz
VCC =2.3 V
-
 500
-
MHz
VCC =3.0 V
-
 500
-
MHz
VCC =4.5 V
-
 500
-
MHz
RL =50 ; CL = 10 pF; see Figure 20
VCC = 1.65 V
-
200
-
MHz
VCC = 2.3 V
-
350
-
MHz
VCC = 3.0 V
-
410
-
MHz
VCC = 4.5 V
-
440
-
MHz
iso
isolation (OFF-state)
RL =600 ; CL =50 pF; fi = 1 MHz;
see Figure 21
VCC =1.65V
-
46
-
dB
VCC =2.3 V
-
46
-
dB
VCC =3.0 V
-
46
-
dB
VCC =4.5 V
-
46
-
dB
RL =50 ; CL =5pF; fi =1MHz;
see Figure 21
VCC =1.65V
-
37
-
dB
VCC =2.3 V
-
37
-
dB
VCC =3.0 V
-
37
-
dB
VCC =4.5 V
-
37
-
dB
Vct
crosstalk voltage
between digital input and switch;
RL =600 ; CL =50 pF; fi = 1 MHz;
tr =tf = 2 ns; see Figure 22
VCC =1.65V
-
69
-
mV
VCC =2.3 V
-
87
-
mV
VCC = 3.0 V
-
156
-
mV
VCC = 4.5 V
-
302
-
mV
Table 12.
Additional dynamic characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb =25 C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com