전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G66GS 데이터시트(PDF) 7 Page - Nexperia B.V. All rights reserved

부품명 74LVC1G66GS
상세설명  Bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G66GS 데이터시트(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G66GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Nexperia
74LVC1G66
Bilateral switch
10.3. ON resistance test circuit and graphs
001aam391
VI
VIH
VCC
GND
Z
Y
E
VSW
ISW
RON = VSW/ISW.
Fig. 6. Test circuit for measuring ON resistance
VI (V)
0
5
4
2
3
1
mna673
20
10
30
40
RON
(Ω)
0
(1)
(2)
(3)
(4)
(5)
(1) VCC = 1.8 V.
(2) VCC = 2.5 V.
(3) VCC = 2.7 V.
(4) VCC = 3.3 V.
(5) VCC = 5.0 V.
Fig. 7. Typical ON resistance as a function of input
voltage; Tamb = 25 °C
VI (V)
0
2.0
1.6
0.8
1.2
0.4
001aaa712
25
35
15
45
55
RON
(Ω)
5
(4)
(3)
(2)
(1)
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
(4) Tamb = -40 °C.
Fig. 8. ON resistance as a function of input voltage;
VCC = 1.8 V
VI (V)
0
2.5
2.0
1.0
1.5
0.5
001aaa708
9
11
7
13
15
RON
(Ω)
5
(1)
(2)
(3)
(4)
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
(4) Tamb = -40 °C.
Fig. 9. ON resistance as a function of input voltage;
VCC = 2.5 V
74LVC1G66
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 14.1 — 3 September 2024
7 / 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com