전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G66GS 데이터시트(PDF) 13 Page - Nexperia B.V. All rights reserved

부품명 74LVC1G66GS
상세설명  Bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G66GS 데이터시트(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G66GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Nexperia
74LVC1G66
Bilateral switch
11.3. Test circuits
001aam392
VIH
VO
VCC
0.5VCC
Z/Y
Y/Z
E
600 Ω
fi
RL
10 µF
CL
D
Test conditions:
VCC = 1.65 V: Vi = 1.4 V (p-p).
VCC = 2.3 V: Vi = 2 V (p-p).
VCC = 3 V: Vi = 2.5 V (p-p).
VCC = 4.5 V: Vi = 4 V (p-p).
Fig. 16. Test circuit for measuring total harmonic distortion
001aam393
VIH
VO
VCC
0.5VCC
Z/Y
Y/Z
E
50 Ω
fi
RL
0.1 µF
CL
dB
Adjust fi voltage to obtain 0 dBm level at output. Increase fi frequency until dB meter reads -3 dB.
Fig. 17. Test circuit for measuring the frequency response when switch is in ON-state
001aam394
VIL
VO
VCC
0.5VCC
Z/Y
Y/Z
E
50 Ω
fi
RL
0.5VCC
RL
0.1 µF
CL dB
Adjust fi voltage to obtain 0 dBm level at input.
Fig. 18. Test circuit for measuring isolation (OFF-state)
001aam395
VO
VCC
0.5VCC
Z/Y
Y/Z
E
50 Ω
600 Ω
logic
input
RL
0.5VCC
CL
G
Fig. 19. Test circuit for measuring crosstalk between digital input and switch
74LVC1G66
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 14.1 — 3 September 2024
13 / 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com