전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G66GS 데이터시트(PDF) 1 Page - Nexperia B.V. All rights reserved

부품명 74LVC1G66GS
상세설명  Bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G66GS 데이터시트(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC1G66GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G66GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
74LVC1G66
Bilateral switch
Rev. 14.1 — 3 September 2024
Product data sheet
1. General description
The 74LVC1G66 is a single-pole, single-throw analog switch with two input/output terminals (nY
and nZ) and a digital enable input (nE). When nE is LOW, the analog switch is turned off. Control
inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these devices
as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at control inputs makes the circuit tolerant of slower input rise and fall times.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• Very low ON resistance:
• 7.5 Ω (typical) at VCC = 2.7 V
• 6.5 Ω (typical) at VCC = 3.3 V
• 6 Ω (typical) at VCC = 5 V
• Switch current capability of 32 mA
• High noise immunity
• CMOS low power consumption
• TTL interface compatibility at 3.3 V
• Overvoltage tolerant control inputs to 5.5 V
• Latch-up performance meets requirements of JESD78 Class I
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC1G66GW -40 °C to +125 °C
TSSOP5 plastic thin shrink small outline package; 5 leads;
body width 1.25 mm
SOT353-1
74LVC1G66GV
-40 °C to +125 °C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74LVC1G66GM -40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1 × 1.45 × 0.5 mm
SOT886
74LVC1G66GN
-40 °C to +125 °C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9 × 1.0 × 0.35 mm
SOT1115
74LVC1G66GS
-40 °C to +125 °C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0 × 1.0 × 0.35 mm
SOT1202
74LVC1G66GZ
-40 °C to +125 °C
XSON5
plastic thermal enhanced extremely thin small outline
package with side-wettable flanks (SWF); no leads;
5 terminals; body 1.1 × 0.85 × 0.5 mm
SOT8065-1


유사한 부품 번호 - 74LVC1G66GS

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVC1G66GS NEXPERIA-74LVC1G66GS Datasheet
316Kb / 21P
Bilateral switch
Rev. 12 - 12 January 2022
74LVC1G66GS NEXPERIA-74LVC1G66GS Datasheet
303Kb / 25P
Bilateral switch
Rev. 10 7 December 2016
More results

유사한 설명 - 74LVC1G66GS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
Bilateral switch
2002 May 15
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
BILATERAL SWITCH
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
Bilateral switch
Rev. 02-28 August 2007
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
Bilateral switch
Rev. 5-16 June 2010
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
BILATERAL SWITCH
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
BILATERAL SWITCH
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
Bilateral switch
Rev. 12 - 12 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com