| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QCAA-R 데이터시트(PDF) 215 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QCAA-R 데이터시트(HTML) 215 Page - Nordic Semiconductor |
|
215 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Disabled 0 Disable channel Enabled 1 Enable channel D RW CH3 Enable or disable channel 3 Disabled 0 Disable channel Enabled 1 Enable channel E RW CH4 Enable or disable channel 4 Disabled 0 Disable channel Enabled 1 Enable channel F RW CH5 Enable or disable channel 5 Disabled 0 Disable channel Enabled 1 Enable channel G RW CH6 Enable or disable channel 6 Disabled 0 Disable channel Enabled 1 Enable channel H RW CH7 Enable or disable channel 7 Disabled 0 Disable channel Enabled 1 Enable channel I RW CH8 Enable or disable channel 8 Disabled 0 Disable channel Enabled 1 Enable channel J RW CH9 Enable or disable channel 9 Disabled 0 Disable channel Enabled 1 Enable channel K RW CH10 Enable or disable channel 10 Disabled 0 Disable channel Enabled 1 Enable channel L RW CH11 Enable or disable channel 11 Disabled 0 Disable channel Enabled 1 Enable channel M RW CH12 Enable or disable channel 12 Disabled 0 Disable channel Enabled 1 Enable channel N RW CH13 Enable or disable channel 13 Disabled 0 Disable channel Enabled 1 Enable channel O RW CH14 Enable or disable channel 14 Disabled 0 Disable channel Enabled 1 Enable channel P RW CH15 Enable or disable channel 15 Disabled 0 Disable channel Enabled 1 Enable channel Q RW CH16 Enable or disable channel 16 Disabled 0 Disable channel Enabled 1 Enable channel R RW CH17 Enable or disable channel 17 Disabled 0 Disable channel Enabled 1 Enable channel S RW CH18 Enable or disable channel 18 Disabled 0 Disable channel Enabled 1 Enable channel 4430_161 v1.0 215 |