| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QCAA-R 데이터시트(PDF) 304 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QCAA-R 데이터시트(HTML) 304 Page - Nordic Semiconductor |
|
304 / 483 page ![]() Peripherals Prefixes bytes for logical addresses 0-3 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id D D D D D D D D C C C C C C C C B B B B B B B B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW AP0 Address prefix 0. B RW AP1 Address prefix 1. C RW AP2 Address prefix 2. D RW AP3 Address prefix 3. 6.14.14.17 PREFIX1 Address offset: 0x528 Prefixes bytes for logical addresses 4-7 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id D D D D D D D D C C C C C C C C B B B B B B B B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW AP4 Address prefix 4. B RW AP5 Address prefix 5. C RW AP6 Address prefix 6. D RW AP7 Address prefix 7. 6.14.14.18 TXADDRESS Address offset: 0x52C Transmit address select Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW TXADDRESS Transmit address select Logical address to be used when transmitting a packet. 6.14.14.19 RXADDRESSES Address offset: 0x530 Receive address select Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW ADDR0 Enable or disable reception on logical address 0. Disabled 0 Disable Enabled 1 Enable B RW ADDR1 Enable or disable reception on logical address 1. Disabled 0 Disable 4430_161 v1.0 304 |