전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NRF52810-QCAA-R 데이터시트(PDF) 324 Page - Nordic Semiconductor

부품명 NRF52810-QCAA-R
상세설명  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NORDIC [Nordic Semiconductor]
홈페이지  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R 데이터시트(HTML) 324 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 320Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 321Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 322Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 323Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 324Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 325Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 326Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 327Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 328Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 483 page
background image
Peripherals
RTC
core
TASK
OR
Task signal from PPI
write
task
event
EVENT m
IRQ signal to NVIC
INTEN
m
RTC
EVTEN
m
Event signal to PPI
Figure 78: Tasks, events and interrupts in the RTC
6.16.7 Compare feature
There are a number of Compare registers.
For more information, see Registers on page 329.
When setting a compare register, the following behavior of the RTC compare event should be noted:
• If a CC register value is 0 when a CLEAR task is set, this will not trigger a COMPARE event.
SysClk
LFClk
PRESC
COUNTER
CC[0]
COMPARE[0]
0x000
X
0x000000
0x000000
0
CLEAR
Figure 79: Timing diagram - COMPARE_CLEAR
• If a CC register is N and the COUNTER value is N when the START task is set, this will not trigger a
COMPARE event.
4430_161 v1.0
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More