| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QCAA-R 데이터시트(PDF) 331 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QCAA-R 데이터시트(HTML) 331 Page - Nordic Semiconductor |
|
331 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description D RW COMPARE1 Write '1' to Disable interrupt for COMPARE[1] event See EVENTS_COMPARE[1] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW COMPARE2 Write '1' to Disable interrupt for COMPARE[2] event See EVENTS_COMPARE[2] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW COMPARE3 Write '1' to Disable interrupt for COMPARE[3] event See EVENTS_COMPARE[3] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.16.10.3 EVTEN Address offset: 0x340 Enable or disable event routing Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW TICK Enable or disable event routing for TICK event See EVENTS_TICK Disabled 0 Disable Enabled 1 Enable B RW OVRFLW Enable or disable event routing for OVRFLW event See EVENTS_OVRFLW Disabled 0 Disable Enabled 1 Enable C RW COMPARE0 Enable or disable event routing for COMPARE[0] event See EVENTS_COMPARE[0] Disabled 0 Disable Enabled 1 Enable D RW COMPARE1 Enable or disable event routing for COMPARE[1] event See EVENTS_COMPARE[1] Disabled 0 Disable Enabled 1 Enable E RW COMPARE2 Enable or disable event routing for COMPARE[2] event See EVENTS_COMPARE[2] Disabled 0 Disable Enabled 1 Enable 4430_161 v1.0 331 |