전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NRF52811-QCAA-R 데이터시트(PDF) 257 Page - Nordic Semiconductor

부품명 NRF52811-QCAA-R
상세설명  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NORDIC [Nordic Semiconductor]
홈페이지  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R 데이터시트(HTML) 257 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 253Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 254Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 255Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 256Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 257Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 258Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 259Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 260Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 261Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 444 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
F E D C
B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW TICK
Write '1' to disable interrupt for event TICK
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW OVRFLW
Write '1' to disable interrupt for event OVRFLW
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
C-F
RW COMPARE[i] (i=0..3)
Write '1' to disable interrupt for event COMPARE[i]
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
6.16.10.10 EVTEN
Address offset: 0x340
Enable or disable event routing
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
F E D C
B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW TICK
Enable or disable event routing for event TICK
Disabled
0
Disable
Enabled
1
Disable
B
RW OVRFLW
Enable or disable event routing for event OVRFLW
Disabled
0
Disable
Enabled
1
Disable
C-F
RW COMPARE[i] (i=0..3)
Enable or disable event routing for event COMPARE[i]
Disabled
0
Disable
Enabled
1
Disable
6.16.10.11 EVTENSET
Address offset: 0x344
Enable event routing
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
F E D C
B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW TICK
Write '1' to enable event routing for event TICK
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
Set
1
Enable
B
RW OVRFLW
Write '1' to enable event routing for event OVRFLW
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
Set
1
Enable
4454_140 v1.0
257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More