| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 258 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 258 Page - Nordic Semiconductor |
|
258 / 444 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description C-F RW COMPARE[i] (i=0..3) Write '1' to enable event routing for event COMPARE[i] Disabled 0 Read: Disabled Enabled 1 Read: Enabled Set 1 Enable 6.16.10.12 EVTENCLR Address offset: 0x348 Disable event routing Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW TICK Write '1' to disable event routing for event TICK Disabled 0 Read: Disabled Enabled 1 Read: Enabled Clear 1 Disable B RW OVRFLW Write '1' to disable event routing for event OVRFLW Disabled 0 Read: Disabled Enabled 1 Read: Enabled Clear 1 Disable C-F RW COMPARE[i] (i=0..3) Write '1' to disable event routing for event COMPARE[i] Disabled 0 Read: Disabled Enabled 1 Read: Enabled Clear 1 Disable 6.16.10.13 COUNTER Address offset: 0x504 Current COUNTER value Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A R COUNTER Counter value 6.16.10.14 PRESCALER Address offset: 0x508 12 bit prescaler for COUNTER frequency (32768/(PRESCALER+1)).Must be written when RTC is stopped Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW PRESCALER Prescaler value 4454_140 v1.0 258 |