| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 270 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 270 Page - Nordic Semiconductor |
|
270 / 444 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_END The ADC has filled up the Result buffer NotGenerated 0 Event not generated Generated 1 Event generated 6.17.11.7 EVENTS_DONE Address offset: 0x108 A conversion task has been completed. Depending on the mode, multiple conversions might be needed for a result to be transferred to RAM. Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_DONE A conversion task has been completed. Depending on the mode, multiple conversions might be needed for a result to be transferred to RAM. NotGenerated 0 Event not generated Generated 1 Event generated 6.17.11.8 EVENTS_RESULTDONE Address offset: 0x10C A result is ready to get transferred to RAM. Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_RESULTDONE A result is ready to get transferred to RAM. NotGenerated 0 Event not generated Generated 1 Event generated 6.17.11.9 EVENTS_CALIBRATEDONE Address offset: 0x110 Calibration is complete Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_CALIBRATEDONE Calibration is complete NotGenerated 0 Event not generated Generated 1 Event generated 4454_140 v1.0 270 |