| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 272 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 272 Page - Nordic Semiconductor |
|
272 / 444 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description B RW END Enable or disable interrupt for event END Disabled 0 Disable Enabled 1 Enable C RW DONE Enable or disable interrupt for event DONE Disabled 0 Disable Enabled 1 Enable D RW RESULTDONE Enable or disable interrupt for event RESULTDONE Disabled 0 Disable Enabled 1 Enable E RW CALIBRATEDONE Enable or disable interrupt for event CALIBRATEDONE Disabled 0 Disable Enabled 1 Enable F RW STOPPED Enable or disable interrupt for event STOPPED Disabled 0 Disable Enabled 1 Enable G RW CH0LIMITH Enable or disable interrupt for event CH0LIMITH Disabled 0 Disable Enabled 1 Enable H RW CH0LIMITL Enable or disable interrupt for event CH0LIMITL Disabled 0 Disable Enabled 1 Enable I RW CH1LIMITH Enable or disable interrupt for event CH1LIMITH Disabled 0 Disable Enabled 1 Enable J RW CH1LIMITL Enable or disable interrupt for event CH1LIMITL Disabled 0 Disable Enabled 1 Enable K RW CH2LIMITH Enable or disable interrupt for event CH2LIMITH Disabled 0 Disable Enabled 1 Enable L RW CH2LIMITL Enable or disable interrupt for event CH2LIMITL Disabled 0 Disable Enabled 1 Enable M RW CH3LIMITH Enable or disable interrupt for event CH3LIMITH Disabled 0 Disable Enabled 1 Enable N RW CH3LIMITL Enable or disable interrupt for event CH3LIMITL Disabled 0 Disable Enabled 1 Enable O RW CH4LIMITH Enable or disable interrupt for event CH4LIMITH Disabled 0 Disable Enabled 1 Enable P RW CH4LIMITL Enable or disable interrupt for event CH4LIMITL Disabled 0 Disable Enabled 1 Enable Q RW CH5LIMITH Enable or disable interrupt for event CH5LIMITH Disabled 0 Disable Enabled 1 Enable R RW CH5LIMITL Enable or disable interrupt for event CH5LIMITL Disabled 0 Disable 4454_140 v1.0 272 |