전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX5035AASA/V+ 데이터시트(PDF) 9 Page - Analog Devices

부품명 MAX5035AASA/V+
상세설명  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

MAX5035AASA/V+ 데이터시트(HTML) 9 Page - Analog Devices

Back Button MAX5035AASA/V+ Datasheet HTML 5Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 6Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 7Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 8Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 9Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 10Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 11Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 12Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
Pin Description
PIN
NAME
FUNCTION
1
BST
Boost Capacitor Connection. Connect a 0.1µF ceramic capacitor from BST to LX.
2
VD
Internal Regulator Output. Bypass VD to GND with a 0.1µF ceramic capacitor.
3
SGND
Internal Connection. SGND must be connected to GND.
4FB
Output Sense Feedback Connection. For fixed output voltage (MAX5035A, MAX5035B, MAX5035C),
connect FB to VOUT. For adjustable output voltage (MAX5035D, MAX5035E), use an external resistive
voltage-divider to set VOUT. VFB regulating set point is 1.22V.
5
ON/
OFF
Shutdown Control Input. Pull ON/
OFF low to put the device in shutdown mode. Drive ON/OFF high for
normal operation.
6
GND
Ground
7VIN
Input Voltage. Bypass VIN to GND with a low ESR capacitor as close to the device as possible.
8
LX
Source Connection of Internal High-Side Switch
ENABLE
LX
BST
VIN
ON/OFF
VREF
REGULATOR
(FOR DRIVER)
REGULATOR
(FOR ANALOG)
OSC
RAMP
HIGH-SIDE
CURRENT
SENSE
IREF-PFM
IREF-LIM
CPFM
1.69V
CILIM
FB
x1
VREF
EAMP
CONTROL
LOGIC
CPWM
VD
GND
Rh
Rl
CLK
SGND
MAX5035
TYPE 3
COMPENSATION
THERMAL
SHUTDOWN
RAMP
Block Diagram
MAX5035
Maxim Integrated
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com