전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX5035AASA/V+ 데이터시트(PDF) 11 Page - Analog Devices

부품명 MAX5035AASA/V+
상세설명  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

MAX5035AASA/V+ 데이터시트(HTML) 11 Page - Analog Devices

Back Button MAX5035AASA/V+ Datasheet HTML 7Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 8Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 9Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 10Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 11Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 12Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 13Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 14Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
The MAX5035 features internal compensation for opti-
mum closed-loop bandwidth and phase margin. With
the preset compensation, it is strongly advised to sense
the output immediately after the primary LC.
Inductor Selection
The choice of an inductor is guided by the voltage dif-
ference between VIN and VOUT, the required output
current, and the operating frequency of the circuit. Use
an inductor with a minimum value given by:
where:
IOUTMAX is the maximum output current required, and
fSW is the operating frequency of 125kHz. Use an induc-
tor with a maximum saturation current rating equal to at
least the peak switch current limit (ILIM). Use inductors
with low DC resistance for higher efficiency.
Selecting a Rectifier
The MAX5035 requires an external Schottky rectifier as
a freewheeling diode. Connect this rectifier close to the
device using short leads and short PC board traces.
Choose a rectifier with a continuous current rating
greater than the highest expected output current. Use a
rectifier with a voltage rating greater than the maximum
expected input voltage, VIN. Use a low forward-voltage
Schottky rectifier for proper operation and high efficien-
cy. Avoid higher than necessary reverse-voltage
Schottky rectifiers that have higher forward-voltage
drops. Use a Schottky rectifier with forward-voltage
drop (VFB) less than 0.45V at +25
°C and maximum load
current to avoid forward biasing of the internal body
diode (LX to ground). Internal body diode conduction
may cause excessive junction temperature rise and
thermal shutdown. Use Table 1 to choose the proper
rectifier at different input voltages and output current.
Input Bypass Capacitor
The discontinuous input-current waveform of the buck
converter causes large ripple currents in the input
capacitor. The switching frequency, peak inductor cur-
rent, and the allowable peak-to-peak voltage ripple that
reflects back to the source dictate the capacitance
requirement. The MAX5035 high switching frequency
allows the use of smaller-value input capacitors.
The input ripple is comprised of
∆VQ (caused by the
capacitor discharge) and
∆VESR (caused by the ESR of
the capacitor). Use low-ESR aluminum electrolytic
capacitors with high ripple-current capability at the input.
Assuming that the contribution from the ESR and capaci-
tor discharge is equal to 90% and 10%, respectively, cal-
culate the input capacitance and the ESR required for a
specified ripple using the following equations:
IOUT is the maximum output current of the converter
and fSW is the oscillator switching frequency (125kHz).
For example, at VIN = 48V, VOUT = 3.3V, the ESR and
input capacitance are calculated for the input peak-to-
peak ripple of 100mV or less yielding an ESR and
capacitance value of 80m
Ω and 51µF, respectively.
Low-ESR, ceramic, multilayer chip capacitors are recom-
mended for size-optimized application. For ceramic
capacitors, assume the contribution from ESR and capaci-
tor discharge is equal to 10% and 90%, respectively.
The input capacitor must handle the RMS ripple current
without significant rise in temperature. The maximum
capacitor RMS current occurs at about 50% duty cycle.
ESR
V
I
I
IN
ESR
OUT
=
+
∆
∆ LL
IN
OUT
C
I
2
⎛
⎝⎜
⎞
⎠⎟
=
× D
DD
Vf
where
QSW
()
:
1
−
×
∆
()
,
∆I
VV
V
Vf
L
L
IN
OUT
OUT
IN
SW
=
−×
××
D
V
V
OUT
IN
=
D
V
V
OUT
IN
=
L
VV
D
If
IN
OUT
OUTMAX
SW
=
−×
××
()
.
03
VIN (V)
DIODE PART NUMBER
MANUFACTURER
15MQ040N
IR
B240A
Diodes, Inc.
B240
Central Semiconductor
7.5 to 36
MBRS240, MBRS1540
ON Semiconductor
30BQ060
IR
B360A
Diodes, Inc.
CMSH3-60
Central Semiconductor
7.5 to 56
MBRD360, MBR3060
ON Semiconductor
50SQ100, 50SQ80
IR
7.5 to 76
MBRM5100
Diodes, Inc.
Table 1. Diode Selection
MAX5035
Maxim Integrated
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com