전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX5035AASA/V+ 데이터시트(PDF) 14 Page - Analog Devices

부품명 MAX5035AASA/V+
상세설명  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

MAX5035AASA/V+ 데이터시트(HTML) 14 Page - Analog Devices

Back Button MAX5035AASA/V+ Datasheet HTML 9Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 10Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 11Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 12Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 13Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 14Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 15Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 16Page - Analog Devices MAX5035AASA/V+ Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
VIN (V)
VOUT (V)
IOUT (A)
EXTERNAL COMPONENTS
3.3
1
CIN = 220µF, Panasonic, EEVFK1E221P
COUT = 68µF, Vishay Sprague, 594D686X_010C2T
CBST = 0.1µF, 0805
R1 = 1M
Ω ±1%, 0805
R2 = 274k
Ω ±1%, 0805
D1 = B220, Diodes Inc.
L1 = 100µH, Coilcraft Inc., DO5022P-104
9 to 14
51
CIN = 220µF, Panasonic, EEVFK1E221P
COUT = 68µF, Vishay Sprague, 594D686X_010C2T
CBST = 0.1µF, 0805
R1 = 1M
Ω ±1%, 0805
R2 = 274k
Ω ±1%, 0805
D1 = B220, Diodes Inc.
L1 = 100µH, Coilcraft Inc., DO5022P-104
3.3
1
CIN = 220µF, Panasonic, EEVFK1H221P
COUT = 68µF, Vishay Sprague, 594D686X_010C2T
CBST = 0.1µF, 0805
R1 = 1M
Ω ±1%, 0805
R2 = 130k
Ω ±1%, 0805
D1 = MBRS2040, ON Semiconductor
L1 = 100µH, Coilcraft Inc., DO5022P-104
51
CIN = 220µF, Panasonic, EEVFK1H221P
COUT = 68µF, Vishay Sprague, 594D686X_010C2T
CBST = 0.1µF, 0805
R1 = 1M
Ω ±1%, 0805
R2 = 130k
Ω ±1%, 0805
D1 = MBRS2040, ON Semiconductor
L1 = 100µH, Coilcraft Inc., DO5022P-104
18 to 36
12
1
CIN = 220µF, Panasonic, EEVFK1H221P
COUT = 15µF, Vishay Sprague, 594D156X_0025C2T
CBST = 0.1µF, 0805
R1 = 1M
Ω ±1%, 0805
R2 = 130k
Ω ±1%, 0805
D1 = MBRS2040, ON Semiconductor
L1 = 220µH, Coilcraft Inc., DO5022P-224
Table 2. Typical External Components Selection (Circuit of Figure 2) (continued)
MAX5035
14
Maxim Integrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com