전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST10R272LT1 데이터시트(PDF) 70 Page - STMicroelectronics

부품명 ST10R272LT1
상세설명  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272LT1 데이터시트(HTML) 70 Page - STMicroelectronics

Back Button ST10R272LT1 Datasheet HTML 66Page - STMicroelectronics ST10R272LT1 Datasheet HTML 67Page - STMicroelectronics ST10R272LT1 Datasheet HTML 68Page - STMicroelectronics ST10R272LT1 Datasheet HTML 69Page - STMicroelectronics ST10R272LT1 Datasheet HTML 70Page - STMicroelectronics ST10R272LT1 Datasheet HTML 71Page - STMicroelectronics ST10R272LT1 Datasheet HTML 72Page - STMicroelectronics ST10R272LT1 Datasheet HTML 73Page - STMicroelectronics ST10R272LT1 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 77 page
background image
70/77
ST10R272L - ELECTRICAL CHARACTERISTICS
1
The ST10R272L will complete the running bus cycle before granting bus access.
2
This is the first opportunity for BREQ to become active.
3
The CS outputs will be resistive high (pullup) after t64.
Figure 25 External bus arbitration, releasing the bus
CLKOUT
HOLD
t61
HLDA
t63
Other
Signals
t66
1)
CSx
(On P6.x)
t64
1)
2)
BREQ
t62
3)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77