전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EVPBFAC1A000 데이터시트(PDF) 3 Page - Panasonic Semiconductor

부품명 EVPBFAC1A000
상세설명  6mm Square Middle Travel SMD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVPBFAC1A000 데이터시트(HTML) 3 Page - Panasonic Semiconductor

  EVPBFAC1A000 Datasheet HTML 1Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 2Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 3Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 4Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 5Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 6Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 7Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Tactile●Switches●EVPBF
ANCTB97E 202101
Panasonic Corporation 2021
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
Unit: mm
A
B
C
D
E
F
G
H
I
J
t
12 ±0.3
1.75 ±0.1
5.5 ±0.1
8 ±0.1
4 ±0.1
2 ±0.1
1.5 +0.1
-0
6.7 ±0.2
7.4 ±0.2
3.7 ±0.1
0.3 ±0.05
Design and specifi cations are each subject to change without notice. Ask factory for the current technical specifi cations before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
●
■ Recommended●Reflow●Soldering●Conditions
REFERENCE DATA
●
■ Recommended●Operating●Conditions
●
■ Recommended●Shape●of●Test●Pole Unit: mm
●
● Part●Numbers:●EVPBF●/●Height:●3.5●mm
●
■ Specifications●for●taping
EMBOSSED TAPE DIMENSIONS
Unit: mm
180
260
MAX.
150
90±30
40±10
230
Fan or
Normal Temp.
( Normal
Temp. )
Soldering Time ( s )
R0.1 mm±0.05 mm
φ4‒0+0.5
Take out direction
φG
J
E
t
H
F
D
Note) 1: Peeling off strength of top tape : It should be within
0.2N to 1.0N at 165 degree in peeling off angle.
2: Taping condition : Lack of products in the middle of
taping should be one MAX, but total quantity specified in the
specifications should be secured.
3: Joint of carrier tape: One joint per one reel may exist.
Max. 0.3 mm
Switch
Mounting surface
Test pole
Leaning angle range:
90̊±4̊
(vertical direction)
Deviation between
center of key top and
switch should be within
0.3 mm
ー 3 ー



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com