전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EVPBFAC1A000 데이터시트(PDF) 1 Page - Panasonic Semiconductor

부품명 EVPBFAC1A000
상세설명  6mm Square Middle Travel SMD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVPBFAC1A000 데이터시트(HTML) 1 Page - Panasonic Semiconductor

  EVPBFAC1A000 Datasheet HTML 1Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 2Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 3Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 4Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 5Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 6Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 7Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ANCTB97E 202101
Panasonic Corporation 2021
FEATURES
●
●●External●dimensions●:●6.0●mm × 6.0●mm,●
Height●2.5●mm●
(●Excluding●the●push●plate,●Middle●Travel●)
●
●Middlestroke●travel●type
RECOMMENDED APPLICATIONS
●
●●Operating●switches●for●other●electronic●
equipment
●
●Operation●switches●for●PC●mouse
●
●Car●audio●systems
●
●Game
6mm Square Middle Travel SMD
Type
EVPBF
●
■ Characteristics
Travel Type
Middlestroke Travel
Type
Snap action / Push-on type SPST
Electrical
Rating
10 µA 2 V DC to 20 mA 15 V DC ( Resistive load )
Contact Resistance
Max. 500 mΩ
Insulation Resistance
Min. 100 MΩ ( at 100 V DC )
Dielectric Withstanding Voltage
250 V AC for 1 minute
Bouncing
Max. 10 ms ( ON, OFF )
Mechanical
Operating Force
2.0 N, 3.5 N
Travel
2.0 N : 0.25 mm, 3.5 N : 0.32 mm
Endurance
Operating Life
2.0 N : Min. 1,000,000 cycles, 3.5 N : Min. 100,000 cycles
Operating Temperature
-40℃ to +85℃
Storage Temperature
-40℃ to +85℃ ( Bulk )
-20℃ to +60℃ ( Taping )
Minimum Quantity / Packing Unit
3,000 pcs. Embossed Taping ( Reel Pack )
Quantity / Carton
15,000 pcs.
Note: Non washable
EXPLANATION OF PART NO.
SPECIFICATIONS
Tactile Switches
A
E
V
P
B
F
0
0
0
1
2
3
4
5
7
8
6
9
10
11
12
Ground
terminal
Product Height
Product Code
Type
Operating
Force
2021.01 industrial.panasonic.com/ac/e/
ー 1 ー


유사한 부품 번호 - EVPBFAC1A000

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
EVPBB0AAE000 PANASONIC-EVPBB0AAE000 Datasheet
294Kb / 8P
Tactile Switches 2.6 mm x 1.6 mm SMD
EVPBB1AAE000 PANASONIC-EVPBB1AAE000 Datasheet
294Kb / 8P
Tactile Switches 2.6 mm x 1.6 mm SMD
EVPBB2A9B000 PANASONIC-EVPBB2A9B000 Datasheet
229Kb / 3P
2.6mm x 1.6mm SMD
7/24/24
EVPBB2A9E000 PANASONIC-EVPBB2A9E000 Datasheet
294Kb / 8P
Tactile Switches 2.6 mm x 1.6 mm SMD
EVPBB4A9E000 PANASONIC-EVPBB4A9E000 Datasheet
294Kb / 8P
Tactile Switches 2.6 mm x 1.6 mm SMD
More results

유사한 설명 - EVPBFAC1A000

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
SKRA ALPS-SKRA Datasheet
175Kb / 3P
6.2mm Square with Middle-travel (Surface Mount Type)
logo
Bourns Electronic Solut...
7916 BOURNS-7916 Datasheet
119Kb / 1P
SMD 6mm Square Key Switch
logo
Panasonic Semiconductor
EVPAD PANASONIC-EVPAD Datasheet
72Kb / 2P
10 mm Square Center Space Long Travel SMD Light Touch Switches
EVQ-P1F05M PANASONIC-EVQ-P1F05M Datasheet
76Kb / 3P
6 mm Square Long Travel SMD Light Touch Switches
EVQ-P1905M PANASONIC-EVQ-P1905M Datasheet
77Kb / 3P
6 mm Square Long Travel SMD Light Touch Switches
EVQP0N02B PANASONIC-EVQP0N02B Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
logo
Grayhill, Inc
95CW06A1T GRAYHILL-95CW06A1T Datasheet
233Kb / 2P
6mm Square, Washable
logo
ALPS ELECTRIC CO.,LTD.
SKRA ALPS-SKRA_15 Datasheet
855Kb / 3P
6.2mm Square with Middle-travel (Surface Mount Type)
logo
Panasonic Semiconductor
EVPASCB1A PANASONIC-EVPASCB1A Datasheet
345Kb / 9P
6 mm Square Long Travel 2 terminals SMD Light Touch Switches
EVPBD6C1A000 PANASONIC-EVPBD6C1A000 Datasheet
323Kb / 8P
6 mm Square Middle Travel 2 terminals SMD
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com