전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EVPBFAC1A000 데이터시트(PDF) 6 Page - Panasonic Semiconductor

부품명 EVPBFAC1A000
상세설명  6mm Square Middle Travel SMD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVPBFAC1A000 데이터시트(HTML) 6 Page - Panasonic Semiconductor

  EVPBFAC1A000 Datasheet HTML 1Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 2Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 3Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 4Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 5Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 6Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 7Page - Panasonic Semiconductor EVPBFAC1A000 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
Requests to customers
Panasonic Corporation 2020
Usage environment
Our products are intended for general-purpose and standard use in
electronic devices, and are not designed for use in special
environments shown belows.
Therefore, use and conditions in the following special environments
may affect the product characteristics, please check the performance
and reliability at your company before use.
1) Use in liquids such as water, oil, chemicals and organic solvents
2) Use in direct sunlight, outdoor exposure, and dust
3) Use in locations with a lot of corrosive gas such as moisture (such
as condensation of resistor, water leakage), sea breeze, Cl2, H2S,
NH3, SO2, NOx.
4) Use in an environment where static electricity and electromagnetic
waves are strong
5) When mounting in proximity to heat-generating components or
when placing flammable materials such as vinyl wiring in proximity
to our products
6) When using this product after sealing with resin etc.
7) When using solvent, water or water-soluble cleaning agent for flux
cleaning after soldering (be especially careful with water-soluble
flux)
8) Use in an environment with acid or alkali atmosphere
9) Use in an environment where there is excessive shock or vibration
Please make sure to use the voltage below the rated voltage, when
using an impact voltage circuit, a transient phenomenon in which a
high voltage is applied for a short time, or when a pulsed high voltage
is applied.
Product handling
In order to prevent failures and characteristic fluctuations due to external factors (electrostatic stress, overvoltage/overcurrent stress, thermal stress,
mechanical stress) during product handling, mounting, and in your process, be sure to observe and use within specifications, considering the range
expected for standard applications of general electronic devices.
Certificate of compliance to RoHS directive
The timing for switching to compliant RoHS varies depending on the product.
When you are using stock items and uncertain whether or not it is RoHS compliant, please contact us.
Storage
Our products may be affected by performance deterioration and
performance such as solderability, so please avoid storing in the
following environment and conditions.
1) Environment where temperature is -10°C or less, +40°C or more,
and humidity is 85% RH or more
2) In an atmosphere of corrosive gas
3) Long-term storage of more than 6 months after product delivery
4) A place exposed to direct sunlight
• Please keep it in a packaged state so as not to apply load stress.
• Please use as soon as possible, within 3 month as a guide and up
to 6 months.
• If there are remaining items after opening the packing, take
appropriate measures to prevent moisture and gas before storing.
After discontinuing production
It is not possible to supply products (including supplies) after production is discontinued.
Intellectual property rights and licenses
The technical information on Web site and catalog shows the typical operation and application circuit examples of the product, so it does not mean
to guarantee not to infringe the intellectual property rights of our company or a third party, or to grant licenses.
ANCTB124E 202006
ー 6 ー



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com