전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST18952 데이터시트(PDF) 49 Page - STMicroelectronics

부품명 ST18952
상세설명  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 데이터시트(HTML) 49 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 45Page - STMicroelectronics ST18952 Datasheet HTML 46Page - STMicroelectronics ST18952 Datasheet HTML 47Page - STMicroelectronics ST18952 Datasheet HTML 48Page - STMicroelectronics ST18952 Datasheet HTML 49Page - STMicroelectronics ST18952 Datasheet HTML 50Page - STMicroelectronics ST18952 Datasheet HTML 51Page - STMicroelectronics ST18952 Datasheet HTML 52Page - STMicroelectronics ST18952 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
49/66
ST18952
15.3 AC Characteristics
The following timings are based on simulations and may change when full characterisation is
completed.
Clocks electrical characteristics
Figure 15.1
Clock timing diagram
Table 15.3
Clock timing data
No
Parameter
Min (ns)
Typ (ns)
Max (ns)
t0
Master clock cycle time
7.5
t3
CLKOUT high delay
4.0
t4
CLKOUT low delay
3.3
t5
INCYCLE high delay
-0.1
t6
INCYCLE low delay
-0.5
t0
MCLK
CLKOUT
INCYCLE
t3
t5
t4
t6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67