전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST20CX 데이터시트(PDF) 90 Page - STMicroelectronics

부품명 ST20CX
상세설명  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX 데이터시트(HTML) 90 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 86Page - STMicroelectronics ST20CX Datasheet HTML 87Page - STMicroelectronics ST20CX Datasheet HTML 88Page - STMicroelectronics ST20CX Datasheet HTML 89Page - STMicroelectronics ST20CX Datasheet HTML 90Page - STMicroelectronics ST20CX Datasheet HTML 91Page - STMicroelectronics ST20CX Datasheet HTML 92Page - STMicroelectronics ST20CX Datasheet HTML 93Page - STMicroelectronics ST20CX Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 212 page
background image
in
®
90/212
in
input message
Code: F7
Description: Input a message. The corresponding output is performed by an
out,
outword or outbyte instruction, and must specify a message of the same length. Areg
is the unsigned length in bytes, Breg is a pointer to the channel and Creg is a pointer
to where the message is to be stored. The process executing
in will be descheduled if
the channel is external or is not ready, and is rescheduled when the communication is
complete.
Definition:
Synchronize, and input Aregunsigned bytes from channel Breg to address Creg
Areg
′← undefined
Breg
′← undefined
Creg
′← undefined
Error signals: Can cause
InternalChannel or ExternalChannel trap to be signalled (if
enabled) when the process is rescheduled after synchronization.
Comments:
Secondar y instruction.
Instruction is a descheduling point.
Instruction is interruptible.
See also:
out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More